Part Number Hot Search : 
CAR3108B AS1348 PMB2400 101K35 ON2803 ATTP3 EGXE800E 74HC245P
Product Description
Full Text Search
 

To Download 855715 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 210.380 MHz Bandpass Filter
1.260 MHz Bandwidth
Data Sheet
Typical Performance
8 0 -8 -16 -24 -32 -40 -48 -56 -64 -72 207.88 208.38 208.88
Part Number 855715
209.38
209.88
210.38
210.88
211.38
211.88
212.38
212.88
Horizontal: 500 kHz/Div Vertical: 8 dB/Div
Horizontal: 180 kHz/Div Vertical: 1 dB/Div Input Output
50 Horizontal: 5 MHz / Div Vertical: 10 dB / Div
50
Specifications Parameter
Center Frequency, fo Insertion Loss 5 dB Lower Frequency 5 dB Upper Frequency 33 dB Lower Frequency 33 dB Upper Frequency Attenuation at 209.13 MHz Attenuation at 211.63MHz Attenuation at 208.33 MHz Attenuation at 212.43 MHz Amplitude Variation over the fo .300 MHz Phase Ripple over the fo .615 MHz Ultimate Rejection Substrate Material Operating Temperature Range Storage Temperature Range
Unit
MHz dB MHz MHz MHz MHz dB dB dB dB dB p-p deg rms dB C C
Minimum
211.01 209.13 33 33 33 33 40 -30 -55
Typical
210.38 7.2 209.7 211.1 209.26 211.51 42 48 43 40 0.5 2 50 Quartz 25 25
Maximum
9 209.75 211.63
1.2 3.5 80 125
Sawtek Inc.
Telephone: (407) 886-8860
Fax: (407) 886-7061
11/27/01
210.380 MHz Data Sheet
Notes
(1) Sawtek's production specifications reflect the typical performance in a 50 ohm single-ended system. Similar performance can be achieved in source and load impedances ranging from 50 to 1000 ohms. (2) The typical insertion loss may vary slightly depending on actual source and load impedances, matching configuration and PC board layout. (3) Inductors with 2% tolerance may be required. (4) In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature.
(Cont.)
1.260 MHz Part Number 855715
Matching Configurations 50 Single-ended 50 Single-ended / 500 Balanced
L1 = 12 nH, L2 = 39 nH, L3 = 30 nH, L4 = 12 nH, C1 = TBD, C2 = TBD
A trimmer Capacitor may be needed for L1 & L4 depending on PCB parasitics
L1 = 40 nH, L2 = 45 nH, C1 = 3.8 pf C2 = TBD, C3 = TBD, C4 = 4.2 pf, C5 = 4.2 pf
A trimmer Capacitor may be needed for L1 & L2 depending on PCB parasitics
Package Outline SMP-28B
Dimensions shown are in millimeters (inches). Sawtek Inc. Telephone: (407) 886-8860 Fax: (407) 886-7061
11/27/01


▲Up To Search▲   

 
Price & Availability of 855715

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X